PART |
Description |
Maker |
6643271-1 |
CONNECTOR, PIN, PERPENDICULAR 10 PIN FOOTPRINT W/COMPLIANT PIN LOCKING ICCON
|
Tyco Electronics
|
461-3102 |
Connector pin for patch lead ends, .025 (0,64) diameter pin
|
CAMBION Electronic Components
|
0679040001 67904-0001 |
4.00mm (.157) Pitch Pogo Pin Connector Header, SMT, Vertical, 2 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0740621013 |
2.00mm (.079) Pitch VHDM? Board-to-Board Backplane Header, Vertical, 8-RowGuide Pin Signal Module, Shield End Version, Pin End Version, 80 Circuits, Pin Length MOLEX Connector
|
Molex Electronics Ltd.
|
CN8472AEBG CN8471A CN8471AEBG CN8478 CN8478EPF CN8 |
Multichannel Synchronous Communications Controller (MUSYCC) DATACOM, INTERFACE CIRCUIT, PQFP208 LJT 6C 6#20 PIN RECP Circular Connector; No. of Contacts:6; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:11; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:11-98 RoHS Compliant: No
|
http:// Conexant Systems, Inc.
|
0740621003 |
2.00mm (.079) Pitch VHDM? Board-to-Board Backplane Header, Vertical, 8-Row,Guide Pin Signal Module, Shield End Version, Pin End Version, 80 Circuits, Pin Length MOLEX Connector
|
Molex Electronics Ltd.
|
KVR100X64C3128 KVR100X64C3_128 KVR100X64C3/128 |
100MHz SDRAM 168-Pin PC100 Memory Module Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:16-26; MIL SPEC:MIL-C-26482 Series I RoHS Compliant: No
|
Kingston Technology ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
R141277000 R141082000 |
The BNC connector, the most popular coaxial connector series in the world, features a two--pin bayonet coupling system for quick and reliable engagement and disengagement. INTRODUCTION
|
List of Unclassifed Manufacturers
|
M20-E050445 |
2.54mm Pitch DIL Vertical PC Tail Pin Header, 6mm mating pin height, gold (hi-temp mould), 4 4-way 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
NR7500BP NR7500CP-CC NR7500CP-BC NR7500FP-BC NR750 |
InGaAs PIN-PD for 2.5 Gb/s applications. Flat mount flange. GI-50 fiber type. With FC-SPC connector. InGaAs PIN-PD for 2.5 Gb/s applications. Flat mount flange. GI-50 fiber type. With SC-SPC connector. InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS 铟镓砷的PIN同轴2.5汇评包装帕金 s应用
|
NEC CALMIRCO[California Micro Devices Corp] California Micro Devices Corporation
|